Part Number Hot Search : 
072180 10A20 1N2981D TPCC8131 1003C LM8550 2700553 MC74H
Product Description
Full Text Search
 

To Download BY251P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY251P thru BY255P
Vishay Semiconductors
formerly General Semiconductor
General Purpose Rectifiers
DO-201AD
Reverse Voltage 200 to 1300V Forward Current 3.0A
Features
1.0 (25.4) Min. 0.210 (5.3) 0.190 (4.8) Dia.
0.375 (9.5) 0.285 (7.2)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-0 * High surge current capability * Typical IR less than 0.1 A * Construction utilizes void-free molded plastic technique * 3.0 Ampere operation at TA = 55 C with no thermal runaway * High temperature soldering guaranteed: 250 C/10 seconds, 0.375" (9.5 mm) lead length 5 lbs. (2.3 kg) tension
Mechanical Data
1.0 (25.4) Min. 0.052 (1.32) 0.048 (1.22) Dia.
Case: JEDEC DO-201AD, molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.04 oz., 1.12 g
Dimensions in inches and (millimeters)
Maximum Ratings & Thermal Characteristics
Parameter Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 10mm lead length at TA = 55 C Peak forward surge current 10ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum full load reverse current, full cycle average 10mm lead length at TA = 55 C Typical thermal resistance(1) Operating junction and storage temperature range
Ratings at 25 C ambient temperature unless otherwise specified.
Symbol BY251P BY252P BY253P BY254P BY255P VRRM VRMS VDC IF(AV) IFSM IR(AV) RJA RJL TJ, TSTG 200 140 200 400 280 400 600 420 600 3.0 150 100 20 10 -65 to +150 800 560 800 1300 910 1300
Unit V V V A A A C/W C
Electrical Characteristics
Ratings at 25 C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 3.0A Maximum reverse current at rated DC blocking voltage TA = 25C Typical reverse recovery time IF = 0.5A, IR = 1.0V, Irr = 0.25A Typical junction capacitance at 4.0V, 1MHz
VF IR trr CJ
1.1 5.0 3.0 40
V A s pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted
Document Number 88838 17-Dec-02
www.vishay.com 1
BY251P thru BY255P
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Fig 1 - Forward Current Derating Curve
4.0
Average Forward Rectified Current (A) Peak Forward Surge Current (A) 60 Hz Resistive or Inductive Load
Fig 2 - Maximum Non-repetitive Peak Forward Surge Current
200
8.3ms Single Half Sine-Wave (JEDEC Method)
3.0
100
TA = 55C
2.0
1.0
10mm lead length
0 0 25 50 75 125 100 Ambient Temperature, C 150 175
10 1 10 Number of Cycles at 60Hz 100
100
Instantaneous Forward Current (A) TJ = 25C Pulse width = 300s 1% Duty Cycle
Instantaneous Reverse Leakage Current ( A)
Fig 3 - Typical Instantaneous Forward Characteristics
Fig 2 - Maximum Non-repetitive Peak Forward Surge Current
10
TJ = 125C
10
1
TJ = 75C
1
0.1
TJ = 25C
0.1 0.6
0.01 0 40 80 60 100 20 Percent of Rated Peak Reverse Voltage (%)
1.2 0.7 0.8 0.9 1.0 1.1 Instantaneous Forward Voltage (V)
1.3
Fig 5 - Typical Junction Capacitance
100
TJ = 25C f = 1.0 MHz Vsig = 50mVp-p
Junction Capacitance (pF)
10 1 10 Reverse Voltage (V) 100
www.vishay.com 2
Document Number 88838 17-Dec-02


▲Up To Search▲   

 
Price & Availability of BY251P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X